Part Number Hot Search : 
H7805ANE 312LE PDOCL010 TK71727S SC2411 0605XH BM0210 M3005
Product Description
Full Text Search
 

To Download HBDW93C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shantou Huashan Electronic Devices Co.,Ltd.
NPN DARLINGTON TRANSISTOR
HBDW93C
APPLICATIONS
Power Linear And Switching Applicatione.
ABSOLUTE MAXIMUM RATINGSTa=25
Tstg----Storage Temperature.............................. -65~150 Tj----Junction Temperature.................................... 150 PC----Collector DissipationTc=25........................ 80W VCBO----Collector-Base Voltage.................................100V VCEO----Collector-Emitter Voltage.............................. 100V IC----Collector CurrentDC.................................... 12A IC----Collector Current Pulse ....................................15A IB----Base Current...................................................0.2A
TO-220
1BaseB
2CollectorC 3Emitter, E
ELECTRICAL CHARACTERISTICSTa=25
Symbol Characteristics Collector-Emitter Sustaining Voltage Min Typ Max Unit Test Conditions
BVCEO(SUS) ICEO IEBO ICBO HFE1 HFE2 HFE3 VCE(sat1) VCE(sat2) VBE(sat1) VBE(sat2)
100 1 2 100 1000 750 100 20000 2 3 2.5 4
V mA mA A
IC=100mA, IB=0 VCE=100V, IB=0 VEB=5V, IC=0 VCB=100V, IE=0 VCE=3V, IC=3A VCE=3V, IC=5A VCE=3V, IC=10A
Collector Cut-off Current
Emitter-Base Cutoff Current
Collector Cut-off Current DC Current Gain
Collector- Emitter Saturation Voltage Collector- Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Saturation Voltage
V V V V
IC=5A, IB=20mA IC=10A, IB=100mA IC=5A,IB=20mA IC=10A,IB=100mA
Shantou Huashan Electronic Devices Co.,Ltd.
NPN DARLINGTON TRANSISTOR
HBDW93C


▲Up To Search▲   

 
Price & Availability of HBDW93C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X